PART |
Description |
Maker |
2SA1801 E000560 |
TRANSISTOR (VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY) From old datasheet system TRANSISTOR (VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY) 晶体管(视频高分辨率显示输出阶段
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
M52307 M52307P M52307SP |
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MAX445 MAX445CPG MAX445C_D MAX445C/D |
Low-Cost, High-Resolution, 200MHz Video CRT Driver Low-Cost / High-Resolution / 200MHz Video CRT Driver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FCS-1131 |
2-Megapixel (1920 x 1080) high-definition resolution Supports 4 video streams simultaneously
|
Level One
|
CXXX-CB230-E1000 |
5V; 125mA; super bright LED. For communication handsets, backlighting, high resolution video displays
|
CREE POWER
|
2SC3613 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE VIDEO DRIVE STAGE IN HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS
|
TOSHIBA
|
2SC4679 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE HDTV CHROMA OUTPUT APPLICATIONS, VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY
|
TOSHIBA
|
2SC4479 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS) VIDEO OUTPUT APPLICATIONS FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS.
|
TOSHIBA
|
LA71730EM |
TV, VCR, and Video Camera Applications: VHD video Y/C/A in a single chip VIDEO AND AUDIO SIGNAL-PROCESSING IC
|
SANYO[Sanyo Semicon Device]
|
CXA1779 CXA1779P |
Predriver for High Resolution Computer Displays Predriver for High Resolution Computer Displays Predriver for High Resolution Computer Display(用于高精度计算机显示的前置驱动器) 预驱动高分辨率的电脑显示器(用于高精度计算机显示的前置驱动器
|
SONY[Sony Corporation] Sony, Corp.
|
ADADC71 ADADC72 ADADC72JD ADADC72AD ADADC72KD ADAD |
Complete/ High Resolution 16-Bit A/D Converters Analog-to-Digital Converter16-Bit 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 PWM LED Driver and Boost, Flyback and SEPIC Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-24 Complete, High Resolution 16-Bit A/D Converters Complete,High Resolution 16 Bit ADC(完备高分辨率16位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|